|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0190020033 Active AvikrimpTM Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E79133 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19002 Yes AvikrimpTM Quick Disconnect Physical Barrel Type Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-2 Female No Nylon (PA) None Brass Straight Reel No 0.81mm (.032") 4.75mm (.187") -65C to +105C 3.94mm (.155") max. 14, 16 1.30 - 2.00 Search Parts in this Series 19002Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # ASP Tool Kit, Crimp 0192870022 Dies for the ASP-202 Air Crimping Press for Metal Strip Terminals Mini-MacTM 0638810200 Applicator Electrical Voltage - Maximum 300V Material Info Old Part Number BB-5273Z Reference - Drawing Numbers Sales Drawing SD-19002-004 This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0190020033 |